| データシートサーチシステム |
|
USB3740B データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3740B データシート(HTML) 4 Page - Microchip Technology |
|
4 / 19 page ![]() USB3740B DS00001725D-page 4 2011 - 2015 Microchip Technology Inc. 1.0 GENERAL DESCRIPTION The USB3740B is a USB 2.0 compliant High Speed switch that provides robust ESD protection to the interface in an extremely small package. Outstanding ESD robustness eliminates the need for external ESD protection devices to save eBOM cost and PCB area. The high bandwidth capabilities of the USB3740B enable extremely low high frequency loss and an exceptionally clean USB 2.0 High Speed eye diagram. 1.1 Reference Document Universal Serial Bus Specification, Revision 2.0 FIGURE 1-1: USB3740B USB 2.0 HIGH SPEED EYE DIAGRAM Input to Switch Output of Switch |