データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IPS160H データシート(PDF) 18 Page - STMicroelectronics

部品番号 IPS160H
部品情報  Single high-side switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160H データシート(HTML) 18 Page - STMicroelectronics

Back Button IPS160H Datasheet HTML 14Page - STMicroelectronics IPS160H Datasheet HTML 15Page - STMicroelectronics IPS160H Datasheet HTML 16Page - STMicroelectronics IPS160H Datasheet HTML 17Page - STMicroelectronics IPS160H Datasheet HTML 18Page - STMicroelectronics IPS160H Datasheet HTML 19Page - STMicroelectronics IPS160H Datasheet HTML 20Page - STMicroelectronics IPS160H Datasheet HTML 21Page - STMicroelectronics IPS160H Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Active clamp
IPS160H
18/26
DocID027563 Rev 2
7
Active clamp
Active clamp is also known as fast demagnetization of inductive loads or fast current
decay. When a high-side driver turns off an inductance, an undervoltage is detected on
output.
The OUT pin is pulled down to Vdemag. The conduction state is modulated by an internal
circuitry in order to keep the OUT pin voltage at about Vdemag until the load energy has been
dissipated. The energy is dissipated both in IC internal switch and in load resistance.
Figure 9: Active clamp equivalent principle schematic
OUT
GND
SUPPLY RAIL
GROUND PLANE
APPLICATION BOARD
IPS160H
L LOAD
Clamp
circuitry
VCC
EXPOSED PAD
GIPG1802150915LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26