データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDK320AM30R データシート(PDF) 6 Page - STMicroelectronics

部品番号 LDK320AM30R
部品情報  200 mA low quiescent current and high PSRR voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK320AM30R データシート(HTML) 6 Page - STMicroelectronics

Back Button LDK320AM30R Datasheet HTML 2Page - STMicroelectronics LDK320AM30R Datasheet HTML 3Page - STMicroelectronics LDK320AM30R Datasheet HTML 4Page - STMicroelectronics LDK320AM30R Datasheet HTML 5Page - STMicroelectronics LDK320AM30R Datasheet HTML 6Page - STMicroelectronics LDK320AM30R Datasheet HTML 7Page - STMicroelectronics LDK320AM30R Datasheet HTML 8Page - STMicroelectronics LDK320AM30R Datasheet HTML 9Page - STMicroelectronics LDK320AM30R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Maximum ratings
LDK320
6/25
DocID028460 Rev 1
4
Maximum ratings
Table 4: Absolute maximun ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
- 0.3 to 20
V
VOUT
DC output voltage
- 0.3 to VI + 0.3
V
VEN
Enable input voltage
- 0.3 to VI + 0.3
V
VADJ
ADJ pin voltage
- 0.3 to 2
V
IOUT
Output current
Internally limited
mA
PD(1)
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
- 65 to 150
°C
TOP
Operating junction temperature range
- 40 to 125
°C
Notes:
(1)Maximum power dissipation must be calculated by taking into account the package and thermal performance.
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. All values
are referred to GND.
Table 5: Thermal data
Symbol
Parameter
SOT23-5L
SOT-89
Unit
RthJA
Thermal resistance junction-ambient
160
110
°C/W
RthJC
Thermal resistance junction-case
68
15
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com