データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RPC56EL60L5 データシート(PDF) 50 Page - STMicroelectronics

部品番号 RPC56EL60L5
部品情報  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5 データシート(HTML) 50 Page - STMicroelectronics

Back Button RPC56EL60L5 Datasheet HTML 46Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 47Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 48Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 49Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 50Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 51Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 52Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 53Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
50/137
DocID026934 Rev 1
C16
A[4]
SIUL
GPIO[4]
GPIO[4]
eTimer_1
ETC[0]
ETC[0]
DSPI_2
CS1
—
eTimer_0
ETC[4]
ETC[4]
MC_RGM
—
FAB
SIUL
—
EIRQ[4]
C17
F[12]
SIUL
GPIO[92]
GPIO[92]
eTimer_1
ETC[3]
ETC[3]
SIUL
—
EIRQ[30]
D1
F[5]
SIUL
GPIO[85]
GPIO[85]
NPC
MDO[2]
—
D2
F[4]
SIUL
GPIO[84]
GPIO[84]
NPC
MDO[3]
—
D3
A[15]
SIUL
GPIO[15]
GPIO[15]
eTimer_1
ETC[5]
ETC[5]
FlexCAN_1
—
RXD
FlexCAN_0
—
RXD
SIUL
—
EIRQ[14]
D4
C[6]
SIUL
GPIO[38]
GPIO[38]
DSPI_0
SOUT
—
FlexPWM_0
B[1]
B[1]
SSCM
DEBUG[6]
—
SIUL
—
EIRQ[24]
D5
VSS_LV_CORE_RING
—
D6
VDD_LV_CORE_RING
—
D7
F[0]
SIUL
GPIO[80]
GPIO[80]
FlexPWM_0
A[1]
A[1]
eTimer_0
—
ETC[2]
SIUL
—
EIRQ[28]
D8
VDD_HV_IO_RING
—
D9
VSS_HV_IO_RING
—
D10
Not connected
—
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More