| データシートサーチシステム |
|
RPC56EL60L5COSY データシート(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5COSY データシート(HTML) 74 Page - STMicroelectronics |
|
74 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 74/137 DocID026934 Rev 1 D[1] PCR[49 ] SIUL GPIO[49] ALT0 GPIO[49] — —M S 3 E3 eTimer_1 ETC[2] ALT2 ETC[2] PSMI[11]; PADSEL= 2 CTU_0 EXT_TGR ALT3 — — FlexRay — — CA_RX — D[2] PCR[50 ] SIUL GPIO[50] ALT0 GPIO[50] — —M S 140 C5 eTimer_1 ETC[3] ALT2 ETC[3] PSMI[12]; PADSEL= 1 FlexPWM_0 X[3] ALT3 X[3] PSMI[30]; PADSEL= 0 FlexRay — — CB_RX — D[3] PCR[51 ] SIUL GPIO[51] ALT0 GPIO[51] — — SY M S128 A7 FlexRay CB_TX ALT1 — — eTimer_1 ETC[4] ALT2 ETC[4] PSMI[13]; PADSEL= 1 FlexPWM_0 A[3] ALT3 A[3] PSMI[23]; PADSEL= 2 D[4] PCR[52 ] SIUL GPIO[52] ALT0 GPIO[52] — — SY M S129 B7 FlexRay CB_TR_E N ALT1 — — eTimer_1 ETC[5] ALT2 ETC[5] PSMI[14]; PADSEL= 2 FlexPWM_0 B[3] ALT3 B[3] PSMI[27]; PADSEL= 2 D[5] PCR[53 ] SIUL GPIO[53] ALT0 GPIO[53] — —M S 33 N3 DSPI_0 CS3 ALT1 — — FlexPWM_0 — — FAULT[2] PSMI[18]; PADSEL= 0 Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |