データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RPC56EL60L5CFSY データシート(PDF) 52 Page - STMicroelectronics

部品番号 RPC56EL60L5CFSY
部品情報  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFSY データシート(HTML) 52 Page - STMicroelectronics

Back Button RPC56EL60L5CFSY Datasheet HTML 48Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 49Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 50Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 51Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 52Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 53Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 54Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 55Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
52/137
DocID026934 Rev 1
E17
I[3]
SIUL
GPIO[131]
GPIO[131]
eTimer_2
ETC[3]
ETC[3]
DSPI_0
CS7
—
CTU_0
EXT_TGR
—
FlexPWM_1
—
FAULT[3]
F1
H[1]
SIUL
GPIO[113]
GPIO[113]
NPC
MDO[6]
—
F2
G[12]
SIUL
GPIO[108]
GPIO[108]
NPC
MDO[11]
—
F3
A[7]
SIUL
GPIO[7]
GPIO[7]
DSPI_1
SOUT
—
SIUL
—
EIRQ[7]
F4
A[8]
SIUL
GPIO[8]
GPIO[8]
DSPI_1
—
SIN
SIUL
—
EIRQ[8]
F6
VDD_LV_CORE_RING
—
F7
VDD_LV_CORE_RING
—
F8
VDD_LV_CORE_RING
—
F9
VDD_LV_CORE_RING
—
F10
VDD_LV_CORE_RING
—
F11
VDD_LV_CORE_RING
—
F12
VDD_LV_CORE_RING
—
F14
Not connected
—
F15
C[13]
SIUL
GPIO[45]
GPIO[45]
eTimer_1
ETC[1]
ETC[1]
CTU_0
—
EXT_IN
FlexPWM_0
—
EXT_SYNC
F16
I[2]
SIUL
GPIO[130]
GPIO[130]
eTimer_2
ETC[2]
ETC[2]
DSPI_0
CS6
—
FlexPWM_1
—
FAULT[2]
F17
G[4]
SIUL
GPIO[100]
GPIO[100]
FlexPWM_0
B[2]
B[2]
eTimer_0
—
ETC[5]
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More