| データシートサーチシステム |
|
RPC564L60L5CFSY データシート(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5CFSY データシート(HTML) 73 Page - STMicroelectronics |
|
73 / 137 page ![]() DocID026934 Rev 1 73/137 RPC56EL60L5 Package pinouts and signal descriptions 136 C[13] PCR[45 ] SIUL GPIO[45] ALT0 GPIO[45] — —M S 101 F15 eTimer_1 ETC[1] ALT1 ETC[1] PSMI[10]; PADSEL= 0 CTU_0 — — EXT_IN PSMI[0]; PADSEL= 0 FlexPWM_0 — — EXT_SYN C PSMI[15]; PADSEL= 0 C[14] PCR[46 ] SIUL GPIO[46] ALT0 GPIO[46] — —M S 103 E1 5 eTimer_1 ETC[2] ALT1 ETC[2] PSMI[11]; PADSEL= 1 CTU_0 EXT_TGR ALT2 — — C[15] PCR[47 ] SIUL GPIO[47] ALT0 GPIO[47] — — SY M S124 A8 FlexRay CA_TR_E N ALT1 — — eTimer_1 ETC[0] ALT2 ETC[0] PSMI[9]; PADSEL= 1 FlexPWM_0 A[1] ALT3 A[1] PSMI[21]; PADSEL= 1 CTU_0 — — EXT_IN PSMI[0]; PADSEL= 1 FlexPWM_0 — — EXT_SYN C PSMI[15]; PADSEL= 1 Port D D[0] PCR[48 ] SIUL GPIO[48] ALT0 GPIO[48] — — SY M S125 B8 FlexRay CA_TX ALT1 — — eTimer_1 ETC[1] ALT2 ETC[1] PSMI[10]; PADSEL= 1 FlexPWM_0 B[1] ALT3 B[1] PSMI[25]; PADSEL= 1 Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |