| データシートサーチシステム |
|
RPC56EL60L5CFQR データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5CFQR データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 137 page ![]() Introduction RPC56EL60L5 24/137 DocID026934 Rev 1 Receive features – Individual programmable filters for each mailbox – 8 mailboxes configurable as a 6-entry receive FIFO – 8 programmable acceptance filters for receive FIFO Programmable clock source – System clock – Direct oscillator clock to avoid FMPLL jitter 1.5.27 FlexRay The FlexRay module provides the following features: Full implementation of FlexRay Protocol Specification 2.1 Rev. A 64 configurable message buffers can be handled Dual channel or single channel mode of operation, each as fast as 10 Mbit/s data rate Message buffers configurable as transmit or receive Message buffer size configurable Message filtering for all message buffers based on Frame ID, cycle count, and message ID Programmable acceptance filters for receive FIFO Message buffer header, status, and payload data stored in system memory (SRAM) Internal FlexRay memories have error detection and correction |