データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RV-3049-C3 データシート(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

部品番号 RV-3049-C3
部品情報  Real Time Clock Module with SPI-Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
ホームページ  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049-C3 データシート(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  RV-3049-C3 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-3049-C3 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 1.3/05.2012
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
PACKAGE, TERMINATIONS AND
PROCESSING:
Package-Type
Termination
Processing
SON 10-pin
For SMD mounting
Au plated pads
Reflow soldering
260°C/20 s max.
All specifications subject to change without notice.
ENVIRONMENTAL
CHARACTERISTICS:
Conditions
Max. Dev.
Storage temp. range
–55 to +125°C
TA Operating temperature range
–40 to +85°C
TB Extended oper. temp. range
–40 to +125°C
Shock resistance
F/F 5000 g, 0.3 ms, ½ sine ± 5 ppm
Vibration resistance
F/F
20 g / 10–2000 Hz
± 5 ppm
ELECTRICAL CHARACTERISTICS
AT 25°C:
Symbol
Condition
Min. Typ. Max Unit
Supply voltage
VDD
Time keeping
1.3
5.5
V
Supply voltage
VDD
Temp. comp.
1.8
5.5
V
Current consumption
IDDO
VDD = 3V
800 1000
nA
CLKOUT frequency
Progr.
32.768/1024/32/1
Hz
Frequency Tolerance
F/F
@ 25°C
±10
±20
ppm
Freq.vs.Temp.
F/FTOPR
20 ≤ T0 ≤ 30
–0.035 ppm/°C² (T - T0)2 ±10%
ppm
Aging first year
F/F
@ 25°C
± 3
ppm
Time accuracy Opt. A
t/t
@ 25°C
±0.26 s/day
-40 to +85°C
±0.52 s/day
Time accuracy Opt. B
t/t
@ 25°C
±0.26 s/day
-40 to +85°C
±2.17 s/day
PIN CONNECTIONS
TOP VIEW:
Pin
Connection
1
CLKOE
CLK Output Enable
2VDD
Supply Voltage
3
CLKOUT Clock Output
4
SCL
Serial Clock Input
5
SDO
Serial Data Output
6VSS
Ground
7
INT
Interrupt Output
8
CS
Chip Select
9VBACKUP
Backup Supply Voltage
10
SDI
Serial Data Input
FREQUENCY TEMPERATURE
CHARACTERISTICS:
-375.0
-350.0
-325.0
-300.0
-275.0
-250.0
-225.0
-200.0
-175.0
-150.0
-125.0
-100.0
-75.0
-50.0
-25.0
0.0
25.0
50.0
75.0
-50.0
-30.0
-10.0
10.0
30.0
50.0
70.0
90.0
110.0
130.0
Temperat re °C
Opt: A
Opt:
no compensation
1
5
6
10
Pin 1 Index
3049
Product Marking



Html Pages

1 2