データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RPC564L60L5BOSR データシート(PDF) 61 Page - STMicroelectronics

部品番号 RPC564L60L5BOSR
部品情報  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BOSR データシート(HTML) 61 Page - STMicroelectronics

Back Button RPC564L60L5BOSR Datasheet HTML 57Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 58Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 59Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 60Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 61Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 62Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 63Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 64Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 137 page
background image
DocID026934 Rev 1
61/137
RPC56EL60L5
Package pinouts and signal descriptions
136
T15
D[10]
SIUL
GPIO[58]
GPIO[58]
FlexPWM_0
A[0]
A[0]
eTimer_0
—
ETC[0]
T16
VDD_HV_IO_RING
—
T17
VSS_HV_IO_RING
—
U1
VSS_HV_IO_RING
—
U2
VSS_HV_IO_RING
—
U3
Not connected
—
U4
E[4]
SIUL
—
GPIO[68]
ADC_0
—
AN[7]
U5
C[2]
SIUL
—
GPIO[34]
ADC_0
—
AN[3]
U6
E[2]
SIUL
—
GPIO[66]
ADC_0
—
AN[5]
U7
B[9]
SIUL
—
GPIO[25]
ADC_0
ADC_1
—AN[11]
U8
B[12]
SIUL
—
GPIO[28]
ADC_0
ADC_1
—AN[14]
U9
VDD_HV_ADV
—
U10
VSS_HV_ADV
—
U11
E[11]
SIUL
—
GPIO[75]
ADC_1
—
AN[4]
U12
Not connected
—
U13
Not connected
—
U14
VDD_HV_PMU
—
U15
G[11]
SIUL
GPIO[107]
GPIO[107]
FlexRay
DBG3
—
FlexPWM_0
—
FAULT[3]
U16
VSS_HV_IO_RING
—
U17
VSS_HV_IO_RING
—
1.
VPP_TEST should always be tied to ground (VSS) for normal operations.
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More