| データシートサーチシステム |
|
RPC56EL60L5COSR データシート(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5COSR データシート(HTML) 83 Page - STMicroelectronics |
|
83 / 137 page ![]() DocID026934 Rev 1 83/137 RPC56EL60L5 Package pinouts and signal descriptions 136 Note: Open Drain can be configured by the PCRn for all pins used as output (except FCCU_F[0] and FCCU_F[1] ). I[2] PCR[13 0] SIUL GPIO[130] ALT0 GPIO[130] — —M S — F16 eTimer_2 ETC[2] ALT1 ETC[2] PSMI[41]; PADSEL= 1 DSPI_0 CS6 ALT2 — — FlexPWM_1 — — FAULT[2] — I[3] PCR[13 1] SIUL GPIO[131] ALT0 GPIO[131] — —M S — E1 7 eTimer_2 ETC[3] ALT1 ETC[3] PSMI[42]; PADSEL= 1 DSPI_0 CS7 ALT2 — — CTU_0 EXT_TGR ALT3 — — FlexPWM_1 — — FAULT[3] — RDY PCR[13 2] SIUL GPIO[132] ALT0 GPIO[132] — —F S — K3 NPC RDY ALT2 — — 1. Programmable via the SRC (Slew Rate Control) bit in the respective Pad Configuration Register; S = Slow, M = Medium, F = Fast, SYM = Symmetric (for FlexRay) 2. The default function of this pin out of reset is ALT1 (TDO). 3. Analog Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |