| データシートサーチシステム |
|
RPC56EL60L5CFSR データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5CFSR データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 137 page ![]() DocID026934 Rev 1 61/137 RPC56EL60L5 Package pinouts and signal descriptions 136 T15 D[10] SIUL GPIO[58] GPIO[58] FlexPWM_0 A[0] A[0] eTimer_0 — ETC[0] T16 VDD_HV_IO_RING — T17 VSS_HV_IO_RING — U1 VSS_HV_IO_RING — U2 VSS_HV_IO_RING — U3 Not connected — U4 E[4] SIUL — GPIO[68] ADC_0 — AN[7] U5 C[2] SIUL — GPIO[34] ADC_0 — AN[3] U6 E[2] SIUL — GPIO[66] ADC_0 — AN[5] U7 B[9] SIUL — GPIO[25] ADC_0 ADC_1 —AN[11] U8 B[12] SIUL — GPIO[28] ADC_0 ADC_1 —AN[14] U9 VDD_HV_ADV — U10 VSS_HV_ADV — U11 E[11] SIUL — GPIO[75] ADC_1 — AN[4] U12 Not connected — U13 Not connected — U14 VDD_HV_PMU — U15 G[11] SIUL GPIO[107] GPIO[107] FlexRay DBG3 — FlexPWM_0 — FAULT[3] U16 VSS_HV_IO_RING — U17 VSS_HV_IO_RING — 1. VPP_TEST should always be tied to ground (VSS) for normal operations. Table 4. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |