| データシートサーチシステム |
|
RPC564L60L5CFSR データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5CFSR データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 137 page ![]() DocID026934 Rev 1 67/137 RPC56EL60L5 Package pinouts and signal descriptions 136 A[8] PCR[8] SIUL GPIO[8] ALT0 GPIO[8] — —M S 12 F4 DSPI_1 — — SIN — SIUL — — EIRQ[8] — A[9] PCR[9] SIUL GPIO[9] ALT0 GPIO[9] — —M S 134 B6 DSPI_2 CS1 ALT1 — — FlexPWM_0 B[3] ALT3 B[3] PSMI[27]; PADSEL= 1 FlexPWM_0 — — FAULT[0] PSMI[16]; PADSEL= 0 A[10] PCR[10 ] SIUL GPIO[10] ALT0 GPIO[10] — —M S 118 A1 3 DSPI_2 CS0 ALT1 CS0 PSMI[3]; PADSEL= 1 FlexPWM_0 B[0] ALT2 B[0] PSMI[24]; PADSEL= 0 FlexPWM_0 X[2] ALT3 X[2] PSMI[29]; PADSEL= 0 SIUL — — EIRQ[9] — A[11] PCR[11 ] SIUL GPIO[11] ALT0 GPIO[11] — —M S 120 D1 1 DSPI_2 SCK ALT1 SCK PSMI[1]; PADSEL= 1 FlexPWM_0 A[0] ALT2 A[0] PSMI[20]; PADSEL= 0 FlexPWM_0 A[2] ALT3 A[2] PSMI[22]; PADSEL= 0 SIUL — — EIRQ[10] — Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |