データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB80N4F6AG データシート(PDF) 9 Page - STMicroelectronics

部品番号 STB80N4F6AG
部品情報  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80N4F6AG データシート(HTML) 9 Page - STMicroelectronics

Back Button STB80N4F6AG Datasheet HTML 5Page - STMicroelectronics STB80N4F6AG Datasheet HTML 6Page - STMicroelectronics STB80N4F6AG Datasheet HTML 7Page - STMicroelectronics STB80N4F6AG Datasheet HTML 8Page - STMicroelectronics STB80N4F6AG Datasheet HTML 9Page - STMicroelectronics STB80N4F6AG Datasheet HTML 10Page - STMicroelectronics STB80N4F6AG Datasheet HTML 11Page - STMicroelectronics STB80N4F6AG Datasheet HTML 12Page - STMicroelectronics STB80N4F6AG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STB80N4F6AG
Package mechanical data
DocID027978 Rev 2
9/15
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.1
D²PAK package information
Figure 19: D²PAK (TO-263) type A package outline
0079457_A_rev22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15