| データシートサーチシステム |
|
STCOM データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCOM データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 58 page ![]() DocID028515 Rev 1 13/58 STCOM Description 58 25 32 DMA_Ch(8) DMA global interrupt channel 8 26 33 ADC ADC global interrupt 27 34 - Reserved 28 35 - Reserved 29 36 FSMC_FILL_FIFO FSMC interface 30 37 SPI1 SPI1 global interrupt 31 38 SPI2 SPI2 global interrupt 32 39 SPI3 SPI3 global interrupt 33 40 SPI4 SPI4 global interrupt 34 41 I2C0_EVENT I2C0 global event interrupt 35 42 I2C0_ERROR I2C0 global error interrupt 36 43 I2C1_EVENT I2C1 global event interrupt 37 44 I2C1_ERROR I2C1 global error interrupt 38 45 I2C2_EVENT I2C2 global event interrupt 39 46 I2C2_ERROR I2C2 global error interrupt 40 47 AT0_BRK Advanced timer 0 - BRK 41 48 AT0_UP Advanced timer 0 - update 42 49 AT0_TRG_COM Advanced timer 0 - trigger and commutation (COM) 43 50 AT0_CC Advanced timer 0 - 4 CAPCOM 44 51 AT1_BRK Advanced timer 1 - BRK 45 52 AT1_UP Advanced timer 1 - update 46 53 AT1_TRG_COM Advanced timer 1 - trigger and commutation (COM) 47 54 AT1_CC Advanced timer 1 - 4 CAPCOM 48 55 GPT1 GPT1 - global interrupt 49 56 GPT2 GPT2 - global interrupt 50 57 GPT3 GPT3 - global interrupt 51 58 USART1 USART1 global interrupt 52 59 USART2 USART2 global interrupt 53 60 USART3 USART3 global interrupt 54 61 USART4 USART4global interrupt 55 62 CAN0 CAN0 global interrupt 56 63 CAN1 CAN1 global interrupt 57 64 AES AES global interrupt 58 65 GPIO00 GPIO00 global interrupt 59 66 GPIO01 GPIO01 global interrupt Table 2. Interrupt definition and position (continued) Position Priority Acronym Description |