データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STL92N10F7AG データシート(PDF) 13 Page - STMicroelectronics

部品番号 STL92N10F7AG
部品情報  High avalanche ruggedness
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL92N10F7AG データシート(HTML) 13 Page - STMicroelectronics

Back Button STL92N10F7AG Datasheet HTML 8Page - STMicroelectronics STL92N10F7AG Datasheet HTML 9Page - STMicroelectronics STL92N10F7AG Datasheet HTML 10Page - STMicroelectronics STL92N10F7AG Datasheet HTML 11Page - STMicroelectronics STL92N10F7AG Datasheet HTML 12Page - STMicroelectronics STL92N10F7AG Datasheet HTML 13Page - STMicroelectronics STL92N10F7AG Datasheet HTML 14Page - STMicroelectronics STL92N10F7AG Datasheet HTML 15Page - STMicroelectronics STL92N10F7AG Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID027022 Rev 2
13/16
STL92N10F7AG
Package mechanical data
16
4.2
PowerFLAT™ 5x6 packing information
Figure 21. PowerFLAT™ 5x6 type WF tape(a)
Figure 22. PowerFLAT™ 5x6 package orientation in carrier tape
a.
All dimensions are in millimeters.
1.50 0.0
+0.1
Do
4.0 0.1(II)
Po
1.75 0.1
E1
1.50MIN
D1
2.0 0.05(I)
P2
Y
Y
R0.30
MAX
0.30 0.05
T
SECTION Y-Y
Measured from centreline of sprocket hole
to centreline of pocket.
Cumulative tolerance of 10 sprocket
holes is ± 0.20 .
Measured from centreline of sprocket
hole to centreline of pocket.
(I)
(II)
(III)
Base and bulk quantity 3000 pcs
P1(8.00±0.1)
Ao(6.70±0.1)
Ko (1.20±0.1)
8234350_TapeWF_rev_C
Pin 1
identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16