| データシートサーチシステム |
|
ADS5294IPFPR データシート(PDF) 45 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5294IPFPR データシート(HTML) 45 Page - Texas Instruments |
|
45 / 81 page ![]() ADS5294 www.ti.com SLAS776D – NOVEMBER 2011 – REVISED SEPTEMBER 2015 Register Maps (continued) Table 6. Summary of Functions Supported by Serial Interface (1)(2)(3)(4) (continued) ADDR. D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 NAME DESCRIPTION (HEX) 1 X X X X MAP_Ch5678_to_OUT8B OUT8B Pin pair to channel data mapping selection 55 1 X X X X MAP_Ch5678_to_OUT8A OUT8A Pin pair to channel data mapping selection 1: Enable external reference mode. the voltage reference can be F0 X EN_EXT_REF applied on either REFP and REFB pins or VCM pin. 0: Default: internal reference mode. Copyright © 2011–2015, Texas Instruments Incorporated Submit Documentation Feedback 45 Product Folder Links: ADS5294 |