| データシートサーチシステム |
|
L79L データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L79L データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 24 page ![]() Electrical characteristics L79L 6/24 DocID2511 Rev 18 4 Electrical characteristics Refer to the test circuits, VI = - 10 V, IO = 40 mA, CI = 0.33 μF, CO = 0.1 μF, TJ = 0 to 125 °C for L79L05AC, TJ = -40 to 125 °C for L79L05AB, unless otherwise specified. Table 3: Electrical characteristics of L79L05AC and L79L05AB Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C -4.8 -5 -5.2 V VO Output voltage IO = 1 to 40 mA, VI = -7 to -20 V -4.75 -5.25 V IO = 1 to 70 mA, VI = -10 V -4.75 -5.25 ∆V O Line regulation VI = -7 to -20 V, TJ = 25 °C 150 mV VI = -8 to -20 V, TJ = 25 °C 100 ∆V O Load regulation IO = 1 to 100 mA, TJ = 25 °C 60 mV IO = 1 to 40 mA, TJ = 25 °C 30 Id Quiescent current TJ = 25 °C 6 mA TJ = 125 °C 5.5 mA ∆I d Quiescent current change IO = 1 to 40 mA 0.1 mA VI = -8 to -20 V 1.5 eN Output noise voltage B = 10 Hz to 100 kHz, TJ = 25 °C 40 µV SVR Supply voltage rejection VI = -8 to -18 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 41 49 dB Vd Dropout voltage 1.7 V |