データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M35B32 データシート(PDF) 30 Page - STMicroelectronics

部品番号 M35B32
部品情報  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32 データシート(HTML) 30 Page - STMicroelectronics

Back Button M35B32 Datasheet HTML 26Page - STMicroelectronics M35B32 Datasheet HTML 27Page - STMicroelectronics M35B32 Datasheet HTML 28Page - STMicroelectronics M35B32 Datasheet HTML 29Page - STMicroelectronics M35B32 Datasheet HTML 30Page - STMicroelectronics M35B32 Datasheet HTML 31Page - STMicroelectronics M35B32 Datasheet HTML 32Page - STMicroelectronics M35B32 Datasheet HTML 33Page - STMicroelectronics M35B32 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Power-up and power-down
M35B32
30/44
DocID18391 Rev 4
7.1.4
Power-down
At power-down (continuous decrease in VCC), as soon as VCC drops from the normal
operating voltage to below the power on reset threshold voltage, the device is reset and
stops responding to any instruction sent to it. During power-down, the device must be
deselected (the Chip Select (S) should be allowed to follow the voltage applied on VCC) and
in Standby Power mode (that is, there should be no internal Write cycle in progress).
As an extra protection, the Reset (RESET) signal can be driven low for the whole duration of
the power-up and power-down phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44