データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M35B32-WMC6TP データシート(PDF) 16 Page - STMicroelectronics

部品番号 M35B32-WMC6TP
部品情報  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC6TP データシート(HTML) 16 Page - STMicroelectronics

Back Button M35B32-WMC6TP Datasheet HTML 12Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 13Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 14Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 15Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 16Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 17Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 18Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 19Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Instructions
M35B32
16/44
DocID18391 Rev 4
6
Instructions
All instructions, addresses and data are shifted in and out of the device, most significant bit
first.
Serial Data Input (D) is sampled on the first rising edge of Serial Clock (C) after Chip Select
(S) is driven low. Then, the one-byte instruction code must be shifted in to the device, most
significant bit first, on Serial Data Input (D), each bit being latched on the rising edges of
Serial Clock (C).
The instruction set is listed in Table 2.
Every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none.
In the case of a Read Data Bytes (READ) or Read Status Register (RDSR) instruction, the
shifted-in instruction sequence is followed by a data-out sequence. Chip Select (S) can be
driven high after any bit of the data-out sequence is being shifted out.
In the case of a Page Write (PW), Page Program (PP), Page Erase (PE), Sector Erase (SE),
Write Enable (WREN) or Write Disable (WRDI) instruction, Chip Select (S) must be driven
high exactly at a byte boundary, otherwise the instruction is rejected, and is not executed.
That is, Chip Select (S) must driven high when the number of clock pulses after Chip Select
(S) being driven low is an exact multiple of eight.
All attempts to access the memory array during a Write cycle, Program cycle or Erase cycle
are ignored, and the internal Write cycle, Program cycle or Erase cycle continues
unaffected.
Table 2. Instruction set
Instruction
Description
One-byte instruction
code
Address
bytes
Dummy
bytes
Data
bytes
WREN
Write Enable
0000 0110
06h
0
0
0
WRDI
Write Disable
0000 0100
04h
0
0
0
RDID
Read Identification
1001 1111
9Fh
0
0
1 to 3
RDSR
Read Status Register
0000 0101
05h
0
0
1 to
∞
WRSR
Write Status Register
0000 0001
01h
0
0
1
READ
Read Data Bytes
0000 0011
03h
3
0
1 to
∞
PW
Page Write
0000 0010
02h
3
0
1 to 256
PP
Page Program
0000 1010
0Ah
3
0
1 to 256
PE
Page Erase
1101 1011
DBh
3
0
0
SE
Sector Erase
1101 1000
D8h
3
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44