データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M35B32-WMC3TP データシート(PDF) 9 Page - STMicroelectronics

部品番号 M35B32-WMC3TP
部品情報  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC3TP データシート(HTML) 9 Page - STMicroelectronics

Back Button M35B32-WMC3TP Datasheet HTML 5Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 6Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 7Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 8Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 9Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 10Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 11Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 12Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
DocID18391 Rev 4
9/44
M35B32
Signal description
43
2.6
Write Protect (W)
This input signal puts the device in the Hardware Protected mode, when Write Protect (W) is
driven low (VIL), causing the Event sector to become read-only (by protecting them from
write, program and erase operations). When Write Protect (W) is driven high (VIH), the 4
Kbytes of EEPROM memory can be accessed in Read and Write mode.
2.7
VCC supply voltage
VCC is the supply voltage. (See also Section 7 for more)
2.8
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44