データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP2CMP データシート(PDF) 14 Page - STMicroelectronics

部品番号 STP2CMP
部品情報  Low voltage 2-channel constant current LED driver with charge pump
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2CMP データシート(HTML) 14 Page - STMicroelectronics

Back Button STP2CMP Datasheet HTML 10Page - STMicroelectronics STP2CMP Datasheet HTML 11Page - STMicroelectronics STP2CMP Datasheet HTML 12Page - STMicroelectronics STP2CMP Datasheet HTML 13Page - STMicroelectronics STP2CMP Datasheet HTML 14Page - STMicroelectronics STP2CMP Datasheet HTML 15Page - STMicroelectronics STP2CMP Datasheet HTML 16Page - STMicroelectronics STP2CMP Datasheet HTML 17Page - STMicroelectronics STP2CMP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
PCB layout
STP2CMP
14/23
DocID022734 Rev 2
7
PCB layout
7.1
Recommended
The STP2CMP is a charge pump power device so it requires a proper PCB layout in order
to obtain the necessary stability and optimize line/load regulation and output voltage ripple.
Input, output, and boost capacitors must be as close as possible to their relative pins.The
example of the evaluation board below is shared with the STP4CMP device which is a pin
compatible device with 4 current sources and the same architecture.
Figure 9: Top layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23