| データシートサーチシステム |
|
STP2CMPQTR データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP2CMPQTR データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 23 page ![]() PCB layout STP2CMP 14/23 DocID022734 Rev 2 7 PCB layout 7.1 Recommended The STP2CMP is a charge pump power device so it requires a proper PCB layout in order to obtain the necessary stability and optimize line/load regulation and output voltage ripple. Input, output, and boost capacitors must be as close as possible to their relative pins.The example of the evaluation board below is shared with the STP4CMP device which is a pin compatible device with 4 current sources and the same architecture. Figure 9: Top layer |