| データシートサーチシステム |
|
STPS2170AF データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS2170AF データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() DocID027019 Rev1 5/8 STPS2170 Package information 2 Package information • Epoxy meets UL94,V0 • Lead-free package • Band indicates cathode In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 10. SMAflat dimensions definitions |