データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS3170 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STPS3170
部品情報  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3170 データシート(HTML) 6 Page - STMicroelectronics

Back Button STPS3170 Datasheet HTML 2Page - STMicroelectronics STPS3170 Datasheet HTML 3Page - STMicroelectronics STPS3170 Datasheet HTML 4Page - STMicroelectronics STPS3170 Datasheet HTML 5Page - STMicroelectronics STPS3170 Datasheet HTML 6Page - STMicroelectronics STPS3170 Datasheet HTML 7Page - STMicroelectronics STPS3170 Datasheet HTML 8Page - STMicroelectronics STPS3170 Datasheet HTML 9Page - STMicroelectronics STPS3170 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package information
STPS3170
6/10
DocID027020 Rev1
Figure 13. SMAflat footprint, dimensions in mm (inches)
Figure 14. Marking informations
Table 5. SMAflat dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.043
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.006
0.016
D
2.25
2.95
0.088
0.116
E
4.80
5.60
0.189
0.220
E1
3.95
4.60
0.156
0.181
L
0.75
1.50
0.030
0.059
L1
0.50
0.019
L2
0.50
0.019



Html Pages

1 2 3 4 5 6 7 8 9 10