データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54F04DM データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54F04DM
部品情報  Hex Inverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F04DM データシート(HTML) 5 Page - National Semiconductor (TI)

  54F04DM Datasheet HTML 1Page - National Semiconductor (TI) 54F04DM Datasheet HTML 2Page - National Semiconductor (TI) 54F04DM Datasheet HTML 3Page - National Semiconductor (TI) 54F04DM Datasheet HTML 4Page - National Semiconductor (TI) 54F04DM Datasheet HTML 5Page - National Semiconductor (TI) 54F04DM Datasheet HTML 6Page - National Semiconductor (TI) 54F04DM Datasheet HTML 7Page - National Semiconductor (TI) 54F04DM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are de-
fined as follows:
Physical Dimensions inches (millimeters) unless otherwise noted
DS009456-4
20-Terminal Ceramic Leadless Chip Carrier (L)
NS Package Number E20A
5
www.national.com
PrintDate=1997/08/26 PrintTime=15:21:57 9457 ds009456 Rev. No. 1
cmserv
Proof
5
Book
Extract
End



Html Pages

1 2 3 4 5 6 7 8