データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6751B データシート(PDF) 23 Page - STMicroelectronics

部品番号 L6751B
部品情報  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B データシート(HTML) 23 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 19Page - STMicroelectronics L6751B Datasheet HTML 20Page - STMicroelectronics L6751B Datasheet HTML 21Page - STMicroelectronics L6751B Datasheet HTML 22Page - STMicroelectronics L6751B Datasheet HTML 23Page - STMicroelectronics L6751B Datasheet HTML 24Page - STMicroelectronics L6751B Datasheet HTML 25Page - STMicroelectronics L6751B Datasheet HTML 26Page - STMicroelectronics L6751B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
L6751B
Device configuration and pinstrapping tables
Doc ID 024028 Rev 1
23/58
Note:
1
Recommended values, divider needs to be connected between VCC5 pin and GND.
2
N is the number of phases programmed for the multi-phase section.
Table 9.
ADDR pinstrapping (Note 1, 2)
Rdown
[k
Ω]
Rup
[k
Ω]
ADDR
ADDR
Note 3
PMBADDR
Note 4
JMode
DROOP
multi-phase
DROOP
single-phase
10
1.5
AMD mode
CCh
n/a
ON
ON
10
2.7
OFF
22
6.8
C8h
ON
10
3.6
OFF
27
11
C4h
ON
12
5.6
OFF
82
43
C0h
ON
13
7.5
OFF
56
36
0100b
(VR12)
EEh
n/a
ON
OFF
18
13
OFF
15
12
EAh
ON
18
16
OFF
15
14.7
E6h
ON
10
11
OFF
18
22
E2h
ON
56
75
OFF
10
15
0010b
(VR12)
ECh
n/a
ON
OFF
12
20
OFF
12
22.6
E8h
ON
39
82
OFF
47
110
E4h
ON
10
27
OFF
22
68
E0h
ON
10
36
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58