データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F11PC データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 74F11PC
部品情報  Triple 3-Input AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F11PC データシート(HTML) 5 Page - National Semiconductor (TI)

  74F11PC Datasheet HTML 1Page - National Semiconductor (TI) 74F11PC Datasheet HTML 2Page - National Semiconductor (TI) 74F11PC Datasheet HTML 3Page - National Semiconductor (TI) 74F11PC Datasheet HTML 4Page - National Semiconductor (TI) 74F11PC Datasheet HTML 5Page - National Semiconductor (TI) 74F11PC Datasheet HTML 6Page - National Semiconductor (TI) 74F11PC Datasheet HTML 7Page - National Semiconductor (TI) 74F11PC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are de-
fined as follows:
Physical Dimensions inches (millimeters) unless otherwise noted
DS009459-4
20-Lead Ceramic Leadless Chip Carrier (L)
NS Package Number E20A
5
www.national.com
PrintDate=1997/08/26 PrintTime=16:09:28 9520 ds009459 Rev. No. 1
cmserv
Proof
5



Html Pages

1 2 3 4 5 6 7 8