| データシートサーチシステム |
|
M95020-DWMF3TP データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95020-DWMF3TP データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 41 page ![]() Instructions M95020-A125 M95020-A145 24/41 DocID025284 Rev 5 The instruction is discarded, and is not executed, under the following conditions: • If a Write cycle is already in progress • If the Block Protect bits (BP1,BP0) = (1,1) • If one of the conditions defined in Section 3.4.1: Protocol control is not satisfied. |