データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95160-DRE データシート(PDF) 21 Page - STMicroelectronics

部品番号 M95160-DRE
部品情報  16-Kbit serial SPI bus EEPROM - 105 C Operation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-DRE データシート(HTML) 21 Page - STMicroelectronics

Back Button M95160-DRE Datasheet HTML 17Page - STMicroelectronics M95160-DRE Datasheet HTML 18Page - STMicroelectronics M95160-DRE Datasheet HTML 19Page - STMicroelectronics M95160-DRE Datasheet HTML 20Page - STMicroelectronics M95160-DRE Datasheet HTML 21Page - STMicroelectronics M95160-DRE Datasheet HTML 22Page - STMicroelectronics M95160-DRE Datasheet HTML 23Page - STMicroelectronics M95160-DRE Datasheet HTML 24Page - STMicroelectronics M95160-DRE Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
DocID027470 Rev 1
21/40
M95160-DRE
Instructions
39
Figure 11. Page Write (WRITE) sequence
1. Depending on the memory size, as shown in Table 7, the most significant address bits are Don’t Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40