| データシートサーチシステム |
|
PM8908 データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM8908 データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 28 page ![]() DocID027688 Rev 3 9/28 PM8908 Electrical specifications 28 4 Electrical specifications 4.1 Absolute maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. All voltage values are with respect to the network ground terminal. Table 4. Absolute maximum ratings Symbol Parameter Value(1) 1. All voltages need to be lower than VCC under any condition. Unit VCC To PGND, GND -0.3 to 7 V VIN To PGND, GND -0.3 to 4 V BOOT To PGND, GND -0.3 to 11 V To PGND, GND, t < 10 ns -0.3 to 12.2(2) 2. Regardless of application configuration, it is mandatory not to exceed the AMR voltage value on the BOOT and PHASE pins. V To PHASE -0.3 to 7 V PHASE To PGND, GND -2 to 4 V To PGND, GND, t < 10 ns -2.2 to 7.5(2) V PGOOD To PGND, GND -0.3 to 7 V EN To PGND, GND -0.3 to 7 V VOUT To PGND, GND -1.0 to 3.6 V REFIN, COMP, REF, MODE To GND -0.3 to 3.6 V |