データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RX95HF データシート(PDF) 13 Page - STMicroelectronics

部品番号 RX95HF
部品情報  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF データシート(HTML) 13 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 9Page - STMicroelectronics RX95HF Datasheet HTML 10Page - STMicroelectronics RX95HF Datasheet HTML 11Page - STMicroelectronics RX95HF Datasheet HTML 12Page - STMicroelectronics RX95HF Datasheet HTML 13Page - STMicroelectronics RX95HF Datasheet HTML 14Page - STMicroelectronics RX95HF Datasheet HTML 15Page - STMicroelectronics RX95HF Datasheet HTML 16Page - STMicroelectronics RX95HF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
DocID023884 Rev 3
13/44
RX95HF
Communication protocols
43
4.1.2
Interrupt mode
When the RX95HF is configure to use the SPI serial interface, pin IRQ_OUT is used to give
additional information to user. When the RX95HF is ready to send back a reply, it sends an
Interrupt Request by setting a low level on pin IRQ_OUT, which remains low until the host
reads the data.
The application can use the Interrupt mode to skip the polling stage.
Caution:
SPI communication is MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44