| データシートサーチシステム |
|
SPBTLE-RF データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBTLE-RF データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 23 page ![]() DocID027851 Rev 5 21/23 SPBTLE-RF ECOPACK® 23 8 ECOPACK® In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 9 Traceability Each module is univocally identified by serial number stored in a 2D data matrix laser marked on the bottom side of the module itself. The serial number has the following format: Each module bulk is identified by a bulk ID. BULK ID and module 2D data matrix are linked by a reciprocal traceability link. The module 2D data matrix traces the lot number of any raw material used. Table 8. Traceability information Letter Meaning WW Week YY Year D Product ID family FF Production panel coordinate identification NNN Progressive serial number. |