データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRTAG512L データシート(PDF) 17 Page - STMicroelectronics

部品番号 SRTAG512L
部品情報  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG512L データシート(HTML) 17 Page - STMicroelectronics

Back Button SRTAG512L Datasheet HTML 13Page - STMicroelectronics SRTAG512L Datasheet HTML 14Page - STMicroelectronics SRTAG512L Datasheet HTML 15Page - STMicroelectronics SRTAG512L Datasheet HTML 16Page - STMicroelectronics SRTAG512L Datasheet HTML 17Page - STMicroelectronics SRTAG512L Datasheet HTML 18Page - STMicroelectronics SRTAG512L Datasheet HTML 19Page - STMicroelectronics SRTAG512L Datasheet HTML 20Page - STMicroelectronics SRTAG512L Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
DocID027439 Rev 2
17/51
SRTAG512L
SRTAG512L memory management
If enabled, the Read/Write counter will have an impact on the execution time of the event
which is countered: the counter increment needs some write cycles of specific EEPROM
cells automatically managed by SRTAG512L, which increase the total time before the
response is sent to the reader.
As a consequence, an S(WTX) request can be issued on the command that will increment
the counter (see Section 5.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51