データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25TA02K-P データシート(PDF) 18 Page - STMicroelectronics

部品番号 ST25TA02K-P
部品情報  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P データシート(HTML) 18 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 14Page - STMicroelectronics ST25TA02K-P Datasheet HTML 15Page - STMicroelectronics ST25TA02K-P Datasheet HTML 16Page - STMicroelectronics ST25TA02K-P Datasheet HTML 17Page - STMicroelectronics ST25TA02K-P Datasheet HTML 18Page - STMicroelectronics ST25TA02K-P Datasheet HTML 19Page - STMicroelectronics ST25TA02K-P Datasheet HTML 20Page - STMicroelectronics ST25TA02K-P Datasheet HTML 21Page - STMicroelectronics ST25TA02K-P Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Signal descriptions
ST25TA02K-P
18/64
DocID027794 Rev 2
2.4.6
RF busy configuration (GPO field = 0x60 or 0xE0)
When the GPO is configured as RF busy, the GPO goes to the high state, both when the
ST25TA02K-P is processing an RF command or when an RF session is ongoing (see ).
When an RF field is present, GPO is driven high after a delay (1.) when ST25TA02K-P
detects the first command. If the RF session is ongoing and ST25TA02K-P receives a not-
supported command, GPO remains high. It will be released only at the end of the RF
session, after (2.).
Figure 10. GPO configured as RF busy (GPO field = 0x60 or 0xE0)
1. CmdSOFtoGPhigh (RF command Start of frame to GPO high)
2. CmdEOFtoGPlow (RF command End of frame to GPO low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64