データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAP16DPPS05XTTR データシート(PDF) 29 Page - STMicroelectronics

部品番号 STAP16DPPS05XTTR
部品情報  Low voltage 16-bit constant current LED sink driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPPS05XTTR データシート(HTML) 29 Page - STMicroelectronics

Back Button STAP16DPPS05XTTR Datasheet HTML 25Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 26Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 27Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 28Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 29Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 30Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 31Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 32Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
DocID024306 Rev 6
29/33
STAP16DPPS05
Package information
33
Table 16. TSSOP24 exposed pad mechanical data
Symbol
mm
Min.
Typ.
Max.
A
1.20
A1
0.15
A2
0.80
1.00
1.05
b0.19
0.30
c0.09
0.20
D
7.70
7.80
7.90
D1
4.80
5.00
5.2
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
E2
3.00
3.20
3.40
e0.65
L
0.45
0.60
0.75
L1
1.00
k0
8
aaa
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33