| データシートサーチシステム |
|
STBP112-CVDJ6F データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STBP112-CVDJ6F データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 38 page ![]() STBP112 Operation Doc ID 023357 Rev 3 11/38 3.5 Thermal shutdown If the STBP112 internal junction temperature exceeds the Toff threshold, the internal MOSFET switch is turned off and the fault indication output FLT is driven low. To improve thermal robustness, this circuit has a 20 °C hysteresis, THYS(off). Due to the internal reverse diode, the thermal shutdown is not functional for the reverse current. |