データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3USB3000RLSR データシート(PDF) 10 Page - Texas Instruments

部品番号 TS3USB3000RLSR
部品情報  DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3000RLSR データシート(HTML) 10 Page - Texas Instruments

Back Button TS3USB3000RLSR Datasheet HTML 6Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 7Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 8Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 9Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 10Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 11Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 12Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 13Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
D+
USB+
MHL+
Control
Logic
SEL
/OE
D-
USB-
MHL-
TS3USB3000
TS3USB3000
SCDS337B – DECEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TS3USB3000 device is a 2-channel SPDT switch specially designed for the switching of high-speed MHL
and USB 2.0 and 3.0 signals in handset and consumer applications, such as cell phones, digital cameras, and
notebooks with hubs or controllers with limited USB I/Os. The wide bandwidth (6.1 GHz) of this switch allows
signals to pass with minimum edge and phase distortion. The device multiplexes differential outputs from a USB
host device to one of two corresponding outputs or from one USB connector to two processors or controllers.
The switch is bidirectional and offers little or no attenuation of the high-speed signals at the outputs. The device
also has a low power mode that will reduce the power consumption to 5
μA for portable applications with a
battery or limited power budget.
The device is designed for low bit-to-bit skew and high channel-to-channel noise isolation, and is compatible with
various standards, such as high-speed USB 2.0 (480 Mbps).
The TS3USB221A device integrates ESD protection cells on all pins, is available in a tiny UQFN package
(2 mm × 1.5 mm) and is characterized over the free-air temperature range from –40°C to 85°C.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Low Power Mode
The TS3USB3000 has a low power mode that reduces the power consumption to 5
μA while the device is not in
use. To put the device in low power mode and disable the switch, the bus-switch enable pin OE must be
supplied with a logic High signal.
8.3.2 Overvoltage Protection When 9-V Short to D– Pin
This section describes how to protect the TS3USB3000 and the surrounding system when the D– pin is exposed
to voltages greater than 5-V and less than 9-V. Voltages higher than 9-V damages the device.
In charging applications it is possible for the USB plug to be inserted in such a way that the VBUS pin shorts to
the D- pin of the connector. If there are peripherals on the D- pin that cannot tolerate conditions up to 9-V they
can be damaged or destroyed. The TS3USB3000 can be used to protect the system from excess voltage if the
correct precautions are taken.
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TS3USB3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26