データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F401 データシート(PDF) 9 Page - STMicroelectronics

部品番号 STM32F401
部品情報  Up to 12 communication interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401 データシート(HTML) 9 Page - STMicroelectronics

Back Button STM32F401 Datasheet HTML 5Page - STMicroelectronics STM32F401 Datasheet HTML 6Page - STMicroelectronics STM32F401 Datasheet HTML 7Page - STMicroelectronics STM32F401 Datasheet HTML 8Page - STMicroelectronics STM32F401 Datasheet HTML 9Page - STMicroelectronics STM32F401 Datasheet HTML 10Page - STMicroelectronics STM32F401 Datasheet HTML 11Page - STMicroelectronics STM32F401 Datasheet HTML 12Page - STMicroelectronics STM32F401 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 135 page
background image
DocID025644 Rev 3
9/135
STM32F401xD STM32F401xE
Introduction
54
1
Introduction
This datasheet provides the description of the STM32F401xD/xE line of microcontrollers.
The STM32F401xD/xE datasheet should be read in conjunction with RM0368 reference
manual which is available from the STMicroelectronics website www.st.com. It includes all
information concerning Flash memory programming.
For information on the Cortex-M4 core, please refer to the Cortex-M4 programming
manual (PM0214) available from www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More