| データシートサーチシステム |
|
STM32F745IG データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F745IG データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 227 page ![]() Functional overview STM32F745xx STM32F746xx 36/227 DocID027590 Rev 4 2.23 Inter-integrated circuit interface (I2C) The device embeds 4 I2C. Refer to Table 7: I2C implementation for the features implementation. The I2C bus interface handles communication between the microcontroller and the serial I2C bus. It controls all I2C bus-specific sequencing, protocol, arbitration and timing. The I2C peripheral supports: • I2C-bus specification and user manual rev. 5 compatibility: – Slave and master modes, multimaster capability – Standard-mode (Sm), with a bitrate up to 100 kbit/s – Fast-mode (Fm), with a bitrate up to 400 kbit/s – 7-bit and 10-bit addressing mode, multiple 7-bit slave addresses – Programmable setup and hold times – Optional clock stretching • System Management Bus (SMBus) specification rev 2.0 compatibility: – Hardware PEC (Packet Error Checking) generation and verification with ACK control – Address resolution protocol (ARP) support – SMBus alert • Power System Management Protocol (PMBusTM) specification rev 1.1 compatibility • Independent clock: a choice of independent clock sources allowing the I2C communication speed to be independent from the PCLK reprogramming. • Programmable analog and digital noise filters • 1-byte buffer with DMA capability Table 7. I2C implementation I2C features(1) 1. X: supported I2C1 I2C2 I2C3 I2C4 Standard-mode (up to 100 kbit/s) X X X X Fast-mode (up to 400 kbit/s) X X X X Programmable analog and digital noise filters X X X X SMBus/PMBus hardware support X X X X Independent clock X X X X |