| データシートサーチシステム |
|
STM32F746BE データシート(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746BE データシート(HTML) 70 Page - STMicroelectronics |
|
70 / 227 page ![]() Pinouts and pin description STM32F745xx STM32F746xx 70/227 DocID027590 Rev 4 - - - - - - 186 D8 PK3 I/O FT - LCD_B4, EVENTOUT - - - - - - - 187 D7 PK4 I/O FT - LCD_B5, EVENTOUT - - - - - - - 188 C6 PK5 I/O FT - LCD_B6, EVENTOUT - - - - - - - 189 C5 PK6 I/O FT - LCD_B7, EVENTOUT - - - - - - - 190 C4 PK7 I/O FT - LCD_DE, EVENTOUT - - - A7 132 B7 160 191 B7 PG15 I/O FT - USART6_CTS, FMC_SDNCAS, DCMI_D13, EVENTOUT - 89 A7 B7 133 A10 161 192 A10 PB3(JTD O/TRAC ESWO) I/O FT - JTDO/TRACESWO, TIM2_CH2, SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, EVENTOUT - 90 A6 C7 134 A9 162 193 A9 PB4(NJT RST) I/O FT - NJTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, SPI2_NSS/I2S2_WS, EVENTOUT - 91 C5 C8 135 A6 163 194 A8 PB5 I/O FT - TIM3_CH2, I2C1_SMBA, SPI1_MOSI/I2S1_SD, SPI3_MOSI/I2S3_SD, CAN2_RX, OTG_HS_ULPI_D7, ETH_PPS_OUT, FMC_SDCKE1, DCMI_D10, EVENTOUT - 92 B5 A8 136 B6 164 195 B6 PB6 I/O FT - TIM4_CH1, HDMI-CEC, I2C1_SCL, USART1_TX, CAN2_TX, QUADSPI_BK1_NCS, FMC_SDNE1, DCMI_D5, EVENTOUT - 93 A5 B8 137 B5 165 196 B5 PB7 I/O FT - TIM4_CH2, I2C1_SDA, USART1_RX, FMC_NL, DCMI_VSYNC, EVENTOUT - 94 D5 C9 138 D6 166 197 E6 BOOT I B - - VPP Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |