データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F746IG データシート(PDF) 13 Page - STMicroelectronics

部品番号 STM32F746IG
部品情報  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746IG データシート(HTML) 13 Page - STMicroelectronics

Back Button STM32F746IG Datasheet HTML 9Page - STMicroelectronics STM32F746IG Datasheet HTML 10Page - STMicroelectronics STM32F746IG Datasheet HTML 11Page - STMicroelectronics STM32F746IG Datasheet HTML 12Page - STMicroelectronics STM32F746IG Datasheet HTML 13Page - STMicroelectronics STM32F746IG Datasheet HTML 14Page - STMicroelectronics STM32F746IG Datasheet HTML 15Page - STMicroelectronics STM32F746IG Datasheet HTML 16Page - STMicroelectronics STM32F746IG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 227 page
background image
These features make the STM32F745xx and STM32F746xx microcontrollers suitable for a wide range of applications:
•
Motor drive and application control,
•
Medical equipment,
•
Industrial applications: PLC, inverters, circuit breakers,
•
Printers, and scanners,
•
Alarm systems, video intercom, and HVAC,
•
Home audio appliances,
•
Mobile applications, Internet of Things,
•
Wearable devices: smartwatches.
Figure 2 shows the general block diagram of the device family.
Table 2. STM32F745xx and STM32F746xx features and peripheral counts
Peripherals
STM32F745Vx STM32F746Vx STM32F745Zx STM32F746Zx STM32F745Ix STM32F746Ix STM32F745Bx STM32F746Bx STM32F745Nx STM32F746Nx
Flash memory in Kbytes
512
1024
512
1024
512
1024
512
1024
512
1024
512
1024
512
1024
512
1024
512
1024
512
1024
SRAM in
Kbytes
System
320(240+16+64)
Instruction
16
Backup
4
FMC memory controller
Yes(1)
Ethernet
Yes
Timers
General-
purpose
10
Advanced-
control
2
Basic
2
Low-power
1
Random number generator
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More