データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F746NE データシート(PDF) 59 Page - STMicroelectronics

部品番号 STM32F746NE
部品情報  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746NE データシート(HTML) 59 Page - STMicroelectronics

Back Button STM32F746NE Datasheet HTML 55Page - STMicroelectronics STM32F746NE Datasheet HTML 56Page - STMicroelectronics STM32F746NE Datasheet HTML 57Page - STMicroelectronics STM32F746NE Datasheet HTML 58Page - STMicroelectronics STM32F746NE Datasheet HTML 59Page - STMicroelectronics STM32F746NE Datasheet HTML 60Page - STMicroelectronics STM32F746NE Datasheet HTML 61Page - STMicroelectronics STM32F746NE Datasheet HTML 62Page - STMicroelectronics STM32F746NE Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 227 page
background image
DocID027590 Rev 4
59/227
STM32F745xx STM32F746xx
Pinouts and pin description
88
31
K3
L8
43
R3
53
56
R3
PA7
I/O FT (4)
TIM1_CH1N, TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI/I2S1_SD,
TIM14_CH1,
ETH_MII_RX_DV/ETH_R
MII_CRS_DV,
FMC_SDNWE,
EVENTOUT
ADC12_IN7
32
G4
M8
44
N5
54
57
N5
PC4
I/O FT (4)
I2S1_MCK,
SPDIFRX_IN2,
ETH_MII_RXD0/ETH_RM
II_RXD0, FMC_SDNE0,
EVENTOUT
ADC12_IN14
33
H4
N9
45
P5
55
58
P5
PC5
I/O FT (4)
SPDIFRX_IN3,
ETH_MII_RXD1/ETH_RM
II_RXD1, FMC_SDCKE0,
EVENTOUT
ADC12_IN15
-
-
J7
-
-
-
59
L7
VDD
S
-
-
-
-
-
-
-
-
-
-
60
L6
VSS
S
-
-
-
-
34
J4
N8
46
R5
56
61
R5
PB0
I/O FT (4)
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N,
UART4_CTS, LCD_R3,
OTG_HS_ULPI_D1,
ETH_MII_RXD2,
EVENTOUT
ADC12_IN8
35
K4
K7
47
R4
57
62
R4
PB1
I/O FT (4)
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N, LCD_R6,
OTG_HS_ULPI_D2,
ETH_MII_RXD3,
EVENTOUT
ADC12_IN9
36
G5
L7
48
M6
58
63
M5
PB2
I/O FT
-
SAI1_SD_A,
SPI3_MOSI/I2S3_SD,
QUADSPI_CLK,
EVENTOUT
-
-
-
-
-
-
-
64
G4
PI15
I/O FT
-
LCD_R0, EVENTOUT
-
-
-
-
-
-
-
65
R6
PJ0
I/O FT
-
LCD_R1, EVENTOUT
-
-
-
-
-
-
-
66
R7
PJ1
I/O FT
-
LCD_R2, EVENTOUT
-
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More