データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F746VE データシート(PDF) 24 Page - STMicroelectronics

部品番号 STM32F746VE
部品情報  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746VE データシート(HTML) 24 Page - STMicroelectronics

Back Button STM32F746VE Datasheet HTML 20Page - STMicroelectronics STM32F746VE Datasheet HTML 21Page - STMicroelectronics STM32F746VE Datasheet HTML 22Page - STMicroelectronics STM32F746VE Datasheet HTML 23Page - STMicroelectronics STM32F746VE Datasheet HTML 24Page - STMicroelectronics STM32F746VE Datasheet HTML 25Page - STMicroelectronics STM32F746VE Datasheet HTML 26Page - STMicroelectronics STM32F746VE Datasheet HTML 27Page - STMicroelectronics STM32F746VE Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 227 page
background image
Functional overview
STM32F745xx STM32F746xx
24/227
DocID027590 Rev 4
Figure 4. VDDUSB connected to VDD power supply
Figure 5. VDDUSB connected to external power supply
2.17
Power supply supervisor
2.17.1
Internal reset ON
On packages embedding the PDR_ON pin, the power supply supervisor is enabled by
holding PDR_ON high. On the other packages, the power supply supervisor is always
enabled.
The device has an integrated power-on reset (POR)/ power-down reset (PDR) circuitry
coupled with a Brownout reset (BOR) circuitry. At power-on, POR/PDR is always active and
ensures proper operation starting from 1.8 V. After the 1.8 V POR threshold level is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More