| データシートサーチシステム |
|
STM32F756IG データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F756IG データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 228 page ![]() DocID027589 Rev 4 59/228 STM32F756xx Pinouts and pin description 89 - - - - G4 44 47 J4 PH3 I/O FT - QUADSPI_BK2_IO1, SAI2_MCK_B, ETH_MII_COL, FMC_SDNE0, LCD_R1, EVENTOUT - - - - - H4 45 48 H4 PH4 I/O FT - I2C2_SCL, OTG_HS_ULPI_NXT, EVENTOUT - - - - - J4 46 49 J3 PH5 I/O FT - I2C2_SDA, SPI5_NSS, FMC_SDNWE, EVENTOUT - 25 K2 M11 37 R2 47 50 R2 PA3 I/O FT (4) TIM2_CH4, TIM5_CH4, TIM9_CH2, USART2_RX, OTG_HS_ULPI_D0, ETH_MII_COL, LCD_B5, EVENTOUT ADC123_IN3 26 J1 - 38 - - 51 K6 VSS S - - - - -E6 N11 - L4 48 - L5 BYPASS _REG IFT - - - 27 K1 J8 39 K4 49 52 K5 VDD S - - - - 28 G3 M10 40 N4 50 53 N4 PA4 I/O TT a (4) SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART2_CK, OTG_HS_SOF, DCMI_HSYNC, LCD_VSYNC, EVENTOUT ADC12_IN4, DAC_OUT1 29 H3 M9 41 P4 51 54 P4 PA5 I/O TT a (4) TIM2_CH1/TIM2_ETR, TIM8_CH1N, SPI1_SCK/I2S1_CK, OTG_HS_ULPI_CK, LCD_R4, EVENTOUT ADC12_IN5, DAC_OUT2 30 J3 N10 42 P3 52 55 P3 PA6 I/O FT (4) TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, TIM13_CH1, DCMI_PIXCLK, LCD_G2, EVENTOUT ADC12_IN6 Table 10. STM32F756xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |