| データシートサーチシステム |
|
STM32F756NG データシート(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F756NG データシート(HTML) 91 Page - STMicroelectronics |
|
91 / 228 page ![]() DocID027589 Rev 4 91/228 STM32F756xx Memory mapping 94 Table 13. STM32F756xx register boundary addresses Bus Boundary address Peripheral 0xE00F FFFF - 0xFFFF FFFF Reserved Cortex-M7 0xE000 0000 - 0xE00F FFFF Cortex-M7 internal peripherals AHB3 0xD000 0000 - 0xDFFF FFFF FMC bank 6 0xC000 0000 - 0xCFFF FFFF FMC bank 5 0xA000 2000 - 0xBFFF FFFF Reserved 0xA000 1000 - 0xA000 1FFF Quad-SPI control register 0xA000 0000- 0xA000 0FFF FMC control register 0x9000 0000 - 0x9FFF FFFF Quad-SPI 0x8000 0000 - 0x8FFF FFFF FMC bank 3 0x7000 0000 - 0x7FFF FFFF FMC bank 2 0x6000 0000 - 0x6FFF FFFF FMC bank 1 0x5006 0C00- 0x5FFF FFFF Reserved AHB2 0x5006 0800 - 0x5006 0BFF RNG 0x5006 0400 - 0x5006 07FF HASH 0x5006 0000 - 0x5006 03FF CRYP 0x5005 0400 - 0x5005 FFFF Reserved 0x5005 0000 - 0x5005 03FF DCMI 0x5004 0000- 0x5004 FFFF Reserved 0x5000 0000 - 0x5003 FFFF USB OTG FS |