データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD39030 データシート(PDF) 15 Page - STMicroelectronics

部品番号 LD39030
部品情報  300 mA very low quiescent current linear regulator IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39030 データシート(HTML) 15 Page - STMicroelectronics

Back Button LD39030 Datasheet HTML 11Page - STMicroelectronics LD39030 Datasheet HTML 12Page - STMicroelectronics LD39030 Datasheet HTML 13Page - STMicroelectronics LD39030 Datasheet HTML 14Page - STMicroelectronics LD39030 Datasheet HTML 15Page - STMicroelectronics LD39030 Datasheet HTML 16Page - STMicroelectronics LD39030 Datasheet HTML 17Page - STMicroelectronics LD39030 Datasheet HTML 18Page - STMicroelectronics LD39030 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
LD39030
Package information
DocID028649 Rev 1
15/21
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21