| データシートサーチシステム |
|
LSM6DSM データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSM データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 113 page ![]() DocID028165 Rev 2 47/113 LSM6DSM Application hints 113 Figure 20. LSM6DSM electrical connections in Mode 3 (auxiliary 4-wire SPI) The device core is supplied through the Vdd line. Power supply decoupling capacitors (C1, C2 = 100 nF ceramic) should be placed as near as possible to the supply pin of the device (common design practice). The functionality of the device and the measured acceleration/angular rate data is selectable and accessible through the SPI/I2C interface. The functions, the threshold and the timing of the two interrupt pins for each sensor can be completely programmed by the user through the SPI/I2C interface. |