データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM6DSMTR データシート(PDF) 18 Page - STMicroelectronics

部品番号 LSM6DSMTR
部品情報  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR データシート(HTML) 18 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 14Page - STMicroelectronics LSM6DSMTR Datasheet HTML 15Page - STMicroelectronics LSM6DSMTR Datasheet HTML 16Page - STMicroelectronics LSM6DSMTR Datasheet HTML 17Page - STMicroelectronics LSM6DSMTR Datasheet HTML 18Page - STMicroelectronics LSM6DSMTR Datasheet HTML 19Page - STMicroelectronics LSM6DSMTR Datasheet HTML 20Page - STMicroelectronics LSM6DSMTR Datasheet HTML 21Page - STMicroelectronics LSM6DSMTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
Pin description
LSM6DSM
18/113
DocID028165 Rev 2
3.1
Pin connections
The LSM6DSM offers flexibility to connect the pins in order to have three different mode
connections and functionalities. In detail:
Mode 1: I2C slave interface or SPI (3- and 4-wire) serial interface is available;
Mode 2: I2C slave interface or SPI (3- and 4-wire) serial interface and I2C interface
master for external sensor connections are available;
Mode 3: I2C slave interface or SPI (3- and 4-wire) serial interface is available for the
application processor interface while an auxiliary SPI (3- and 4-wire) serial interface for
external sensor connections (i.e. camera module) is available.
Figure 2. LSM6DSM connection modes
In the following table each mode is described for the pin connection and function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More