| データシートサーチシステム |
|
ISO7240CFDWR データシート(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO7240CFDWR データシート(HTML) 32 Page - Texas Instruments |
|
32 / 46 page ![]() ISO7240CF, ISO7240C, ISO7240M ISO7241C, ISO7241M, ISO7242C, ISO7242M SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015 www.ti.com Typical Application (continued) 10.2.2 Isolated SPI Interface for an Analog Input Module with 16 Inputs ISO7241 and several other components from Texas Instruments can be used to create an isolated SPI interface for input module with 16 inputs. Figure 26. Isolated SPI Interface for an Analog Input Module with 16 Inputs 10.2.2.1 Design Requirements See previous Design Requirements. 10.2.2.2 Detailed Design Procedure See previous Detailed Design Procedure. 10.2.2.3 Application Curve See previous Application Curve. 32 Submit Documentation Feedback Copyright © 2007–2015, Texas Instruments Incorporated Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M |